PART |
Description |
Maker |
1N4575 1N4766A 1N4767 1N4768A 1N4576 1N4767A 1N457 |
Low-level temperature-compensated zener reference diode. Max voltage 0.048 V. Low-level temperature-compensated zener reference diode. Max voltage 0.070 V. Low-level temperature-compensated zener reference diode. Max voltage 0.014 V. Low-level temperature-compensated zener reference diode. Max voltage 0.024 V. Low-level temperature-compensated zener reference diode. Max voltage 0.028 V. Low-level temperature-compensated zener reference diode. Max voltage 0.099 V. Low-level temperature-compensated zener reference diode. Max voltage 0.002 V. Low-level temperature-compensated zener reference diode. Max voltage 0.005 V. Low-level temperature-compensated zener reference diode. Max voltage 0.003 V.
|
Motorola
|
CDLL935 CDLL936 CDLL936A CDLL937A CDLL937B CDLL938 |
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 温补参考稳压二极管 Temperature Compensated Zener Reference Diodes(温度补偿齐纳基准二极 参考温度补偿齐纳二极管(温度补偿齐纳基准二极管 9 V, SILICON, VOLTAGE REFERENCE DIODE, DO-213AA
|
Compensated Devices Incorporated CDI-DIODE[Compensated Deuices Incorporated] Microsemi, Corp.
|
MPXM2053GST1 MPXM2053GS MPXM2053 MPXM2053D MPXM205 |
Compensated Pressure Sensor 50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
|
Freescale (Motorola) Freescale Semiconductor, Inc ETC[ETC] 飞思卡尔半导体(中国)有限公司
|
MPXV2010DP MPXV2010GP MPX2010 MPX2010D MPX2010DP M |
Compensated Pressure Sensor 10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
|
Freescale (Motorola) MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc]
|
629-75 629-40 629-45 629-6 629-60 629-30 629-35 62 |
±1°C Fail-Safe Remote/Local Temperature Sensors with SMBus Interface Logic IC 5V Programmable, Low-Dropout Voltage Regulator Low-Voltage, 1.8kHz PWM Output Temperature Sensors Cold-Junction-Compensated K-Thermocouple-to-Digital Converter (0°C to 128°C) Cold-Junction-Compensated K-Thermocouple-to-Digital Converter (0°C to 1024°C) Cold-Junction-Compensated K-Thermocouple-to-Digital Converter (0°C to 128°C) 逻辑IC PWM Output Temperature Sensors in SC70 Packages
|
Keystone Electronics, Corp.
|
6755 6756 |
TEMPERATURE COMPENSATED
|
Vectron International, Inc
|
MPXM2010 MPXM2010D MPXM2010DT1 MPXM2010GS MPXM2010 |
10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS From old datasheet system 10 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
|
Motorola, Inc
|
MPX2202GP MPX2202ASX MPX2202D MPX2202DP MPX2202AP |
200kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors(200kPa片内温度补偿和校准硅压力传感 200kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors(200kPa???娓╁害琛ュ??????????浼????
|
飞思卡尔半导体(中国)有限公司 椋???″????浣?涓??)??????
|
6662 6661 6663 6664 |
Temperature Compensated Crystal
|
Vectron International, Inc
|
MPXV4006G |
MPXV4006G Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated From old datasheet system Integrated Silicon Pressure Sensor On-Chip Signal Conditioned,Temperature Compensated and Calibrated
|
Motorola
|
C2260 |
Temperature Compensated Crystal Oscillators
|
Vectron
|